Part Number Hot Search : 
XPCN01 5XCT63 15N05 GPM55F 5710LT50 5A102 M2001 XPCN01
Product Description
Full Text Search
 

To Download CHDTC144TEPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTC144TEPT
CURRENT 100 mAmpere
FEATURE
* Small surface mounting type. (SC-75/SOT-416) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated NPN transistors in one package. Built in single resistor(R1=47k, Typ. )
0.1 0.20.05 0.5 1.60.2 0.5
SC-75/SOT-416
(2)
(3)
1.00.1 0.1 0.30.05
(1)
CONSTRUCTION
* One NPN transistors and bias of thin-film resistors in one package.
0.1 0.20.05 0.80.1
MARKING
TED
Emitter Base 1
0.150.05 0.1Min.
0.6~0.9 0~0.1 1.60.2
CIRCUIT
2
TR R1
3 Collector
Dimensions in millimeters
SC-75/SOT-416
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC(Max.) PD TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2003-06
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS 50 50 5 100 Tamb 25 OC, Note 1 150
VALUE V V V
UNIT
mA mW
O
-55 +150 -55 +150 junction - soldering point 140
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTC144TEPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT PARAMETER
Collector-base breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage
CONDITIONS IC=50uA IE=50uA VCB=50V VEB=4V IC/IB=5mA/0.5mA IC=1mA; VCE=5.0V IC=5mA, VCE=10.0V f=100MHz
MIN. 50 50 5.0 - - - 100 32.9 - - - - - - -
TYP. - - -
MAX. V V V
UNIT
Collector-emitter breakdown voltage IC=1.0mA
0.5 0.5 0.3 600 61.1 -
uA uA V K MHz
DC current gain Input resistor Transition frequency
250 47 250
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTC144TEPT )
Typical Electrical Characteristics
Fig.1 DC current gain vs. collector current
1k 500
DC CURRENT GAIN : hFE
Fig.2 Collector-emitter voltage vs. collector current
COLLECsaturationTOR VOLTAGE : VCE(sat) (V) 1 500m 200m 100m 50m 20m 10m 5m 2m 1m 100 200 500 1m 2m 5m 10m 20m 50m 100m Ta=100OC 25OC -40 OC lO/lI=10
VCE = 5V
200 100 50 20 10 5 2 1 100 200 500 1m 2m 5m 10m 20m 50m100m Ta=100OC 25OC -40OC
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (uA)


▲Up To Search▲   

 
Price & Availability of CHDTC144TEPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X